this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0887419200 status: active description: microcross? dvi digital visual interface, shielded i/o adapter, dvi-digital receptacle to p&d-digital plug documents: drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 88744 application wire-to-board comments dvi-digital receptacle to p&d-digital plug component type adapter product name microcross?dvi type n/a physical circuits (loaded) 24 circuits (maximum) 24 color - resin black, natural durability (mating cycles max) 100 lock to mating part yes material - metal phosphor bronze, steel material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic, polyester orientation vertical pcb retention yes packaging type bag panel mount no pitch - mating interface (in) 0.075 in pitch - mating interface (mm) 1.90 mm plating min: mating (in) 10, 2 plating min: mating (m) 0.05, 0.25 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part yes surface mount compatible (smc) n/a temperature range - operating -20c to +85c termination interface: style solder or weld, through hole wire size awg n/a electrical current - maximum per contact 3a shielded yes voltage - maximum 40v material info reference - drawing numbers sales drawing sd-88741-013 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 88744 series mates with 74320 receptacles this document was generated on 05/25/2010 please check www.molex.com for latest part information
|